Part Number Hot Search : 
IDD23E60 SMBJ110 IRF780 IRF780 PC354N1 LB101 C35005 1N2999B
Product Description
Full Text Search
 

To Download PQ05RD08-SERIES Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PQ05RD08 series
General Description Sharp's PQ05RD08 series is 0.8A output type low power-loss voltage regulator(TO-220). It contributes to energy and space saving of various electronic equipment such as AV, OA equipment.
Low Power-Loss Voltage Regulator
0.8A Output, High Cost Performance Low Power-Loss Voltage Regulator
Outline Dimensions
10.2 MAX 2.8 3.6 4.5
(Unit: mm)
Front, rear 4-(o1.4)
7.4
4.8 MAX (0.5)
2
o3.2 29.1 MAX
PQ05RD08
Features (1) Low power-loss(Dropout voltage: MAX. 0.5V at Io=0.5A) (2) 0.8A output type (3) Compact resin full-mold package(equivalent to TO-220) (4) Available 3.3V/5V/9V/12V output type (5) Output voltage precision: 3.0% (6) Built-in ON/OFF control function (7) Overcurrent, overheat protection functions (8) Lead forming type is also available.
13.5 MIN
4-1.4 +0.3 -0 4- 0.6 -0.1 3-(2.54)
1 2 3 4
+0.2
(1.5)
( ): Typical values DC input(Vin) DC output(Vo) GND ON/OFF control terminal(Vc)
1
2
34
Mold package
1
Input Applications (1) Power supplies for various electronic equipment such as AV, OA
Specific IC
Output
4
ON/OFF control terminal
3
GND
Model Line-up 0.8A output 3.3V output 5.0V output 9.0V output 12.0V output PQ3RD083 PQ05RD08 PQ09RD08 PQ12RD08
(Notice)
* In the absence of device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device. * Specifications are subject to change without notice for improvement.
(Internet)
* Data for Sharp's optoelectronic/power devices is provided for internet. ( Address http://www.sharp.co.jp/ecg/)
15.6 Tec.PW961001
PQ05RD08 series
Absolute Maximum Ratings Parameter *1 Input voltage *1 ON/OFF control voltage Output current *2 Power dissipation *3 Junction temperature Operating temperature Storage temperature Soldering temperature Symbol Vin Vc Io Pd1 Pd2 Tj Topr Tstg Tsol
Low Power-Loss Voltage Regulator
Rating 20 20 0.8 1.25 10 150 -20 to +80 -40 to +150 260(For 10s)
(Ta=25C) Unit V V A W W C C C C
*1 All are open except GND and applicable terminals. *2 Pd1: No heat sink, Pd2: With infinite heat sink *3 Overheat protection may operate at 125<=Tj<=150C. Electrical Characteristics
(Unless otherwise specified, Io=0.5A, *4, Ta=25C) MIN. 3.201 4.85 8.73 11.64 - - - 45 - 2 - - - - TYP. 3.3 5.0 9.0 12.0 0.1 0.5 0.02 55 - - - - - - MAX. 3.399 5.15 9.27 12.36 2.0 2.5 - - 0.5 - 20 0.8 -0.4 10 Unit V
Parameter Symbol Conditions PQ3RD083 Output voltage PQ05RD08 Vo - PQ09RD08 PQ12RD08 RegL Io=5mA to 0.8A Load regulation *5 , Io=5mA Line regulation RegI Temperature coefficient of output voltage TcVo Tj=0 to 125C, Io=5mA - RR Ripple rejection *6, Io=0.5A Dropout voltage Vi-o *7 ON-state voltage for control VC(on) - VC=2.7V ON-state current for control IC(on) - OFF-state voltage for control VC(off) OFF-state current for control Quiescent current IC(off) Iq VC=0.4V Io=0A
% % %/C dB V V A V mA mA
*4 PQ3RD083:Vin=5V,PQ05RD08:Vin =7V, PQ09RD08:Vin =11V, PQ12RD08: Vin =14V *5 PQ3RD083:Vin=4 to 10V,PQ05RD08:Vin = 6 to 12V, PQ09RD08:Vin =10 to 16V, PQ12RD08: Vin =13 to 19V *6 Input voltage shall be the value when output voltage is 95% in comparison with the initial value. PQ3RD083:Vin=3.7V *7 In case of opening control terminal 4 , output voltage turns on.
As of October 1996 Tec.PW961001


▲Up To Search▲   

 
Price & Availability of PQ05RD08-SERIES

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X